Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download SBL1080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * * Low Power Loss High Efficiency Low Forward Voltage High surge capacity High Current Capability
SBL1020
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU SBL10100
10 Amp
Schottky
Barrier Rectifier 20 to 100 Volts
* * *
Maximum Ratings
Operating Junction Temperature: -50C to +125C Storage Temperature: -50C to +125C Typical Thermal Resistance 60C/W Junction to Ambient MCC Catalog Number SBL1020 SBL1030 SBL1040 SBL1050 SBL1060 SBL1080 SBL10100 Device Marking Maximum Recurrent Peak Reverse Voltage SBL1020 20V SBL1030 30V SBL1040 40V SBL1050 50V SBL1060 60V SBL1080 80V SBL10100 100V IF(AV) IFSM Maximum RMS Voltage 14V 21V 26V 35V 42V 56V 80V 10 A 150A Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
C K
TO-220AC
B L M D A
PIN 1 2
E
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1020-1040 1050-1060 1080-10100 Maximum DC Reverse Current At Rated DC Blocking Voltage TC = 100C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 1 PIN 2
CASE
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
VF
.55V .75V .85V
TJ = 25C IFM = 10A;
IR
0.5mA 50mA
TC = 25C TC = 100C
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
www.mccsemi.com
SBL1020 thru SBL10100
INSTANTANEOUS FORWARD CURRENT AMPERES
40 20
MCC
20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V
AVERAGE FORWARD CURRENT, AMPERES
10 8 6 4 2 0 0 50 100 150
TJ = 25 J PULSE WIDTH = 200gs
CASE TEMPERATURE, J
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILLAMPERES
100
TC = 100 J
PEAK FORWARD SURGE CURRENT, AMPERES
150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
10
TC = 75 J 1.0
.1
TC = 25 J
.01 0 100 200 300
NO. OF CYCLES AT 60Hz
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACITANCE, pF
350 300 250 TJ = 25 J 200 150
1
2
5
20
50
100 200
500
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SBL1080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X